PART |
Description |
Maker |
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
OP793 OP798 |
NPN Pho to tran sis tor with Base- Emitter Resistor
|
OPTEK Technologies
|
OP705D OP705A OP705B OP705C |
NPN Pho to tran sistor with Base-Emit ter Resistor
|
OPTEK[OPTEK Technologies]
|
MCRF355 MCRF360 |
The MCRF355 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features optimized at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran The MCRF360 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features operating at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran
|
Microchip
|
2SD2137A 2SB1417 2SB1417A 2SD2137 |
Silicon PNP epitaxial planar type(For power amplification) 3 A, 80 V, PNP, Si, POWER TRANSISTOR
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
CFB810 |
60.000W Medium Power PNP Plastic Leaded Transistor. 110V Vceo, 8.000A Ic, 1000 hFE. PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR TRANSISTOR | BJT | DARLINGTON | PNP | 110V V(BR)CEO | 8A I(C) | TO-220FP
|
Continental Device India Limited
|
MJL4302A MJL4281A |
Complementary NPN-PNP Silicon Power Bipolar Transistors 15 A, 350 V, PNP, Si, POWER TRANSISTOR, TO-264AA From old datasheet system POWER TRANSISTOR, NPN 350V Audio Transistor, PNP 350V Audio Transistor, NPN
|
ON Semiconductor ONSEMI
|
BSP31-T BSP32 BSP33-T |
1 A, 60 V, PNP, Si, POWER TRANSISTOR PNP medium power transistors 1 A, 80 V, PNP, Si, POWER TRANSISTOR
|
NXP Semiconductors N.V.
|
BD544 BD544C BD544A BD544B |
PNP SILICON POWER TRANSISTORS ECONOLINE: RI - Custom Solutions Available- 1kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 87% 8 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-220
|
http:// POINN[Power Innovations Ltd] Power Innovations Limited Power Innovations International, Inc.
|
SDH03 |
PNP NPN Darlington H-bridge PNP NPN Darlington Transistors (H-bridge)(PNP NPN达林顿晶体管(H桥)) 1.5 A, 100 V, 4 CHANNEL, NPN AND PNP, Si, POWER TRANSISTOR
|
Sanken Electric Co., Ltd.
|